Part Number Hot Search : 
UC384 FS52N15 S05K230 DS1922T E101M S6022 RBM2S PNX7850
Product Description
Full Text Search
 

To Download STA305A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  156 characteristic curves i c -v ce characteristics (typical) h fe -i c characteristics (typical) h fe -i c temperature characteristics (typical) v ce (sat)-i c temperature characteristics (typical) v ce (sat)-i b characteristics (typical) i c -v be temperature characteristics (typical) j-a -pw characteristics p t -t a characteristics safe operating area (soa) (t a =25 c) symbol ratings unit v cbo C 550 v v ceo C 550 v v ebo C 6v i c C 1a i cp C 2 (pw 1ms, d u 25%) a i b C 0.5 a 3 (t a =25 c) 15 (t c =25 c) t j 150 c t stg C 40 to +150 c (t a =25 c) symbol unit conditions i cbo C 100 av cb = C 550v i ebo C 10 C 20 ma v eb = C 6v v ceo C 550 v i c = C 100 a h fe 200 400 1000 v ce = C 4v, i c = C 500ma v ce (sat) C 1.0 C 1.5 v v be (sat) C 1.6 C 2.2 v t on 0.7 sv cc C 200v, t stg 13.0 si c = C 500ma, t f 2.5 si b1 = C i b2 = C 10ma f t 15 mhz v ce = C 12v, i e =0.2a c ob 48 pf v cb = C 10v, f=1mhz specification min typ max p t w STA305A i c = C 500ma, i b = C 10ma r 1 : 500 ? typ r 2 : 70 ? typ 2 1 3 r 1 r 2 4 5 6 7 8 C 1.0 C 0.8 C 0.6 C 0.4 C 0.2 0 C 1 0 C 2 C 3 C 4 C 5 C 6 i c (a) v ce (v) C 5 m a C 2ma i b = C 20ma C 10ma C 1.5ma 1000 h fe 100 50 10 i c (a) C 0.03 C 0.05 C 0.1 C 1 C 0.5 C 2 (v ce = C 4v) typ 500 1000 h fe 100 50 10 i c (a) C 0.03 C 0.05 C 0.1 C 1 C 0.5 C 2 (v ce = C 4v) 500 t a =125 c 25 c 7 5 c C 30 c C 3 C 2 C 1 0 C 0.2 C 0.5 C 1 C 2 (i c / i b =100) v ce (sat) (v) i c (a) t a =125 c 75 c 25 c C 30 c C 3 C 2 C 1 0 C 1 v ce (sat) (v) i b (ma) C 5 C 50 C 500 C 10 C 100 i c =1a i c =0.5a C 2.0 i c (a) v be (v) 0 (v ce = C 4v) C 1.5 C 1.0 C 0.5 0 C 1 C 2 C 3 t a =125 c 75 c 25 c C 30 c 20 10 5 1.0 0.5 1 5 10 50 100 500 1000 j C a ( c / w) pw (ms) C 40 0 50 100 150 0 p t (w) t a ( c) 2 4 6 8 10 12 14 16 with silicone grease natural cooling heatsink: aluminum in mm w ith in fin ite h e a ts in k without heatsink 2 5 5 0 2 50 50 2 C 0.1 C 0.05 C 1 C 0.5 C 0.01 C 0.005 C 0.003 C 5 v ce (v) i c (a) C 3 C 5 C 10 C 50 C 100 C 600 C 500 10 m s 1 m s 100 s single pulse without heatsink t a =25 c pnp darlington 3-phase motor drive external dimensions c sta (8-pin) absolute maximum ratings  equivalent circuit diagram electrical characteristics


▲Up To Search▲   

 
Price & Availability of STA305A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X